Part Number Hot Search : 
2SC50 IRLIZ44N S03NF WL2803K 52300 P1240 SIT9102 RJP5001
Product Description
Full Text Search
 

To Download RTD-P1206-41-1000-J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irc advanced film division 4222 south staples street corpus christi, texas 78411 tel: 361-992-7900 fax: 361-992-3377 www.irctt.com iso-9001 registered rtd series issue 22jan01 platinum sensor chip resistor ? industry standard 1206 chip size ? small surface mount package ? wrap-around solder termination ? leach resistant nickel barrier dimensions dimensions dimensions dimensions dimensions the p1206 platinum temperature sensor is a surface mount component designed for temperature sensing or temperature compensation in instrument, hvac, and computer applications. specifications specifications specifications specifications specifications 0.020"0.010" 0.126"0.008" 0.020"0.010" 0.063" 0.008" 0.024"0.004" c 0 t a s e c n a t s i s e r d r a d n a t s s k 0 . 1 , s 0 0 1 s e c n a r e l o t d r a d n a t s% 5 , % 2 , % 1 . % 5 . 0 e g n a r e r u t a r e p m e t c 5 2 1 + o t 5 5 - s t n e i c i f f e o c e r u t a r e p m e t e l b a l i a v a c / m p p 0 5 7 3 + c / m p p 0 0 8 3 + c / m p p 0 5 8 3 + e c n a t s i s e r n o i t a l u s n i c 5 2 t a n i m s m 0 1 ) s 0 0 1 ( t n e r r u c g n i r u s a e m. x a m a m 3 , a m 1 y t i l i b a t s m r e t g n o l ) c 5 2 1 t a s r u o h 0 0 0 1 ( ) l a c i p y t ( % 1 . 0 < n o i t a n i m r e tb p n s g n i t a e h f l e s w m / k 3 1 . 0 e m i t e s n o p s e r ) l i o d e r r i t s y l d i p a r ( . c e s 2 . 0 (t 5 . 0 ) . c e s 8 . 0 (t 9 . 0 ) e m i t e s n o p s e r ) r i a l l i t s ( . c e s 2 . 2 (t 5 . 0 ) . c e s 6 1 (t 9 . 0 ) s e c n a r e l o t d n a s e u l a v e c n a t s i s e r r e h t o r o f y r o t c a f t c a t n o c
irc advanced film division 4222 south staples street corpus christi, texas 78411 tel: 361-992-7900 fax: 361-992-3377 www.irctt.com rtd series issue22jan01 ordering p ordering p ordering p ordering p ordering p rocedure rocedure rocedure rocedure rocedure rtd - p1206 - 41 - 1001 - f product line rtd resistor-temperature sensors model p1206 = 1206 chip sensor temperature coefficient 40 = +3750ppm/c 100ppm/c 41 = +3800ppm/c 50ppm/c 42 = +3850ppm/c 100ppm/c 43 = +3850ppm/c 50ppm/c resistance code 4-digit resistance code ex: 1000 = 100 ohms; 1001 = 1000 ohms tolerance d = 0.5%, f = 1%, g = 2%, j = 5%


▲Up To Search▲   

 
Price & Availability of RTD-P1206-41-1000-J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X